| Moteur de recherche de fiches techniques de composants électroniques |
|
V62/04754-03YA Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
V62/04754-03YA Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 109 page ![]() SM320C6712EP, SM320C6712CEP, SM320C6712DEP FLOATINGPOINT DIGITAL SIGNAL PROCESSORS SGUS055 − SEPTEMBER 2004 28 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 Terminal Functions (Continued) SIGNAL PIN NO. TYPE† IPD/ DESCRIPTION SIGNAL NAME GFN GDP TYPE† IPD/ IPU DESCRIPTION ADDITIONAL RESERVED FOR TEST R2 R2 R3 R3 T1 T1 T2 T2 U1 U1 U2 U2 RSV U3 U3 Reserved (leave unconnected, do not connect to power or ground) RSV V1 V1 Reserved (leave unconnected, do not connect to power or ground) V2 V2 V4 V4 V5 V5 W4 W4 Y3 Y3 Y4 Y4 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground |