| Moteur de recherche de fiches techniques de composants électroniques |
|
0402ZK8R2ABTTR Fiches technique(PDF) 16 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
0402ZK8R2ABTTR Fiches technique(HTML) 16 Page - AVX Corporation |
|
16 / 20 page ![]() 20 1 Accu-F® / Accu-P® Environmental / Mechanical Characteristics QUALITY & RELIABILITY Accu-P® is based on well established thin-film technology and materials. • ON-LINE PROCESS CONTROL This program forms an integral part of the production cycle and acts as a feedback system to regulate and control production processes. The test procedures, which are integrated into the production process, were developed after long research work and are based on the highly developed semiconductor industry test procedures and equipment. These measures help AVX to produce a con- sistent and high yield line of products. • FINAL QUALITY INSPECTION Finished parts are tested for standard electrical parameters and visual/mechanical characteristics. Each production lot is 100% evaluated for: capacitance and proof voltage at 2.5 UR. In addition, production is periodically evaluated for: Average capacitance with histogram printout for capacitance distribution; IR and Breakdown Voltage distribution; Temperature Coefficient; Solderability; Dimensional, mechanical and temperature stability. QUALITY ASSURANCE The reliability of these thin-film chip capacitors has been studied intensively for several years. Various measures have been taken to obtain the high reliability required today by the industry. Quality assurance policy is based on well established international industry standards. The reliability of the capacitors is determined by accelerated testing under the following conditions: Life (Endurance) 125°C, 2UR, 1000 hours Accelerated Damp Heat Steady State 85°C, 85% RH, UR, 1000 hours. TEST CONDITIONS REQUIREMENT Life (Endurance) 125°C, 2UR,1000 hours No visible damage MIL-STD-202F Method 108A ∅C/C ≤ 2% for C≥5pF ∅C ≤ 0.25pF for C<5pF Accelerated Damp 85°C, 85% RH, UR, 1000 hours No visible damage Heat Steady State ∅C/C ≤ 2% for C≥5pF MIL-STD-202F Method 103B ∅C ≤ 0.25pF for C<5pF Temperature Cycling -55°C to +125°C, 15 cycles – Accu-P® No visible damage MIL-STD-202F Method 107E -55°C to +125°C, 5 cycles – Accu-F® ∅C/C ≤ 2% for C≥5pF MIL-STD-883D Method 1010.7 ∅C ≤ 0.25pF for C<5pF Resistance to Solder Heat 260°C ± 5°C for 10 secs C remains within initial limits IEC-68-2-58 ENVIRONMENTAL CHARACTERISTICS TEST CONDITIONS REQUIREMENT Solderability Components completely immersed in a Terminations to be well tinned, minimum 95% IEC-68-2-58 solder bath at 235°C for 2 secs. coverage Leach Resistance Components completely immersed in a Dissolution of termination faces ≤15% of area IEC-68-2-58 solder bath at 260±5°C for 60 secs. Dissolution of termination edges ≤25% of length Adhesion A force of 5N applied for 10 secs. No visible damage MIL-STD-202F Method 211A Termination Bond Strength Tested as shown in diagram No visible damage IEC-68-2-21 Amend. 2 ∅C/C ≤ 2% for C≥5pF ∅C ≤ 0.25pF for C<5pF Robustness of Termination A force of 5N applied for 10 secs. No visible damage IEC-68-2-21 Amend. 2 High Frequency Vibration 55Hz to 2000Hz, 20G No visible damage MIL-STD-202F Method 201A, 204D (Accu-P® only) Storage 12 months minimum with components Good solderability stored in “as received” packaging MECHANICAL CHARACTERISTICS D 45mm 45mm D = 3mm Accu-P D = 1mm Accu-F |