| Moteur de recherche de fiches techniques de composants électroniques |
|
TC271 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC271 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 22 page ![]() TC271 1080 × 580-PIXEL CCD IMAGE SENSOR SOCS039A – JANUARY 1994 – REVISED JUNE 1996 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION DR (dynamic range) + camera white-clip voltage Vn Vn = noise-floor voltage Vsat (min) = minimum saturation voltage Vuse (max) = maximum usable voltage Vuse (typ) = typical user voltage (camera white clip) NOTES: A. Vuse(typ)isdefinedasthevoltagedeterminedtoequalthecamerawhiteclip.ThisvoltagemustbelessthanVuse(max). B. A system trade-off is necessary to determine the system light sensitivity versus the signal/noise ratio. By lowering the Vuse (typ), the light sensitivity of the camera is increased; however, this sacrifices the signal/noise ratio of the camera. (light input) Lux Enabled With Antiblooming Blooming Point Well Capacity Dependent on Disabled With Antiblooming Blooming Point Gate High Level Upon Antiblooming Level Dependent DR Vn Vsat (min) Vuse (typ) Vuse (max) VO Figure 16. Typical Vsat, Vuse Relationship |