Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC103 Fiches technique(PDF) 6 Page - SONiX Technology Company

No de pièce SNC103
Description  One Channel Direct Drive Speech Controller?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC103 Fiches technique(HTML) 6 Page - SONiX Technology Company

Back Button SNC103 Datasheet HTML 2Page - SONiX Technology Company SNC103 Datasheet HTML 3Page - SONiX Technology Company SNC103 Datasheet HTML 4Page - SONiX Technology Company SNC103 Datasheet HTML 5Page - SONiX Technology Company SNC103 Datasheet HTML 6Page - SONiX Technology Company SNC103 Datasheet HTML 7Page - SONiX Technology Company SNC103 Datasheet HTML 8Page - SONiX Technology Company SNC103 Datasheet HTML 9Page - SONiX Technology Company SNC103 Datasheet HTML 10Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SNC103
One Channel Direct Drive Speech Controller
PWM: A PWM (pulse width modulation) circuit is built-in SNC103. PWM can
convert input digital data into pulse trains with suitable different pulse width. The
maximum resolution of PWM is 7 bits. Two huge output stage circuits are
designed in SNC103. With this advanced circuit, the chip is capable of driving
speaker directly without external transistors.
The recommended application
circuit is illustrated as follows.
BUO1/VO
BUO2
PWM Output
Ver: 1.0
October 23, 2002
6



Html Pages

1 2 3 4 5 6 7 8 9 10