| Moteur de recherche de fiches techniques de composants électroniques |
|
STAR Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
STAR Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 30 page ![]() Ordering Information When you order a surface mount semiconductor it will be in one of the 15 available surface mount package types (see Appendix II for the physical dimensions of the surface mount packages) Specifying the Tape-and-Reel method of shipment (Note 1) means that you will receive your devices in the following quantities per Tape-and-Reel pack Device Quantity Small Outline Transistor SOT-23 (High Profile) (Note 2) 10000 2500 SOT-23 (Low Profile) (Note 2) 10000 3000 Small Outline IC SO-8 (Narrow) 2500 SO-14 (Narrow) 2500 SO-14 (Wide) 1000 SO-16 (Narrow) 2500 SO-16 (Wide) 1000 SO-20 (Wide) 1000 SO-24 (Wide) 1000 Plastic Chip Carrier IC PLCC-20 1000 PLCC-28 750 PLCC-44 500 PLCC-68 250 PLCC-84 250 This denotes 7 reel quantity availability Note 1 For small outline transistors your order will automatically be shipped in Tape-and-Reel unless you indicate otherwise For surface mount integrated circuits your order will automatically be shipped in conductive rails unless you indicate ‘‘Tape-and-Reel’’ after the device description on your purchase order Note 2 Your SOT-23 devices will automatically have Option 1 orientation unless you indicate ‘‘Option 2 Orientation’’ after the device description on your purchase order (see ‘‘Tape-and-Reel Overview’’ for definition of SOT-23 orientations) In addition your SOT-23 devices will automatically have the high-profile outline unless you indicate ‘‘Low-Profile Outline’’ after the device description on your purchase order (see ‘‘Appendix IIPhysical Dimensions of Surface Mount Package’’ for definition of SOT-23 outlines) Example You order 5000 LM324M ICs shipped in Tape- and-Reel All 5000 devices have the same date code You receive 2 SO-14 (Narrow) Tape-and-Reel packs each having 2500 LM324M ICs 17 |