Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF5 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce MF5
Description  Universal Monolithic Switched Capacitor Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MF5 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button MF5 Datasheet HTML 4Page - Texas Instruments MF5 Datasheet HTML 5Page - Texas Instruments MF5 Datasheet HTML 6Page - Texas Instruments MF5 Datasheet HTML 7Page - Texas Instruments MF5 Datasheet HTML 8Page - Texas Instruments MF5 Datasheet HTML 9Page - Texas Instruments MF5 Datasheet HTML 10Page - Texas Instruments MF5 Datasheet HTML 11Page - Texas Instruments MF5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
20 Modes of Operation
The MF5 is a switched capacitor (sampled data) filter To
fully describe its transfer functions a time domain approach
is appropriate Since this is cumbersome and since the
MF5 closely approximates continuous filters the following
discussion is based on the well known frequency domain
Each MF5 can produce a full 2nd order function See Table
1 for a summary of the characteristics of the various modes
MODE 1 Notch 1 Bandpass Lowpass Outputs
fnotch e fo (See Figure 7 )
fo
e
center frequency of the complex pole pair
e
fCLK
100
or
fCLK
50
fnotch e center frequency of the imaginary zero pair e fo
HOLP e Lowpass gain (as f
x 0) eb
R2
R1
HOBP e Bandpass gain (at f e fo) eb
R3
R1
HON e Notch output gain as f x 0
f
x fCLK 2
(eb
R2
R1
Q
e
fo
BW
e
R3
R2
BW
e
the b3 dB bandwidth of the bandpass output
Circuit dynamics
HOLP e
HOBP
Q
or HOBP e HOLP c Q e HON c Q
HOLP(peak) j Q c HOLP (for high Q’s)
MODE 1a Non-Inverting BP LP (See
Figure 8 )
fo
e
fCLK
100
or
fCLK
50
Q
e
R3
R2
HOLP
eb
1 HOLP(peak) j Q c HOLP (for high Q’s)
HOBP1 eb
R3
R2
HOBP2 e 1 (non-inverting)
Circuit dynamics HOBP1 e Q
Note VIN should be driven from a low impedance (k1kX)
TLH5066 – 16
FIGURE 7 MODE 1
TLH5066 – 17
FIGURE 8 MODE 1a
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com