Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41696 Fiches technique(PDF) 13 Page - EPCOS

No de pièce B41696
Description  Aluminum electrolytic capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41696 Fiches technique(HTML) 13 Page - EPCOS

Back Button B41696 Datasheet HTML 8Page - EPCOS B41696 Datasheet HTML 9Page - EPCOS B41696 Datasheet HTML 10Page - EPCOS B41696 Datasheet HTML 11Page - EPCOS B41696 Datasheet HTML 12Page - EPCOS B41696 Datasheet HTML 13Page - EPCOS B41696 Datasheet HTML 14Page - EPCOS B41696 Datasheet HTML 15Page - EPCOS B41696 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Topic
Safety information
Reference
chapter "General
technical information"
Soldering,
cleaning agents
Do not allow halogenated hydrocarbons to come
into contact with aluminum electrolytic capacitors.
11.6
"Cleaning agents"
Passive
flammability
Avoid external energy, such as fire or electricity.
8.1
"Passive flammability"
Active
flammability
Avoid overload of the capacitors.
8.2
"Active flammability"
Reference
chapter "Capacitors with
screw terminals"
Breakdown strength
of insulating
sleeves
Do not damage the insulating sleeve, especially
when ring clips are used for mounting.
"Screw terminals
accessories"
B41696, B41796
Low ESR, compact
125
°C
Page 13 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16