Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLQ50C33R Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STLQ50C33R
Description  50 mA, 3 μA supply current low drop linear regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ50C33R Fiches technique(HTML) 3 Page - STMicroelectronics

  STLQ50C33R Datasheet HTML 1Page - STMicroelectronics STLQ50C33R Datasheet HTML 2Page - STMicroelectronics STLQ50C33R Datasheet HTML 3Page - STMicroelectronics STLQ50C33R Datasheet HTML 4Page - STMicroelectronics STLQ50C33R Datasheet HTML 5Page - STMicroelectronics STLQ50C33R Datasheet HTML 6Page - STMicroelectronics STLQ50C33R Datasheet HTML 7Page - STMicroelectronics STLQ50C33R Datasheet HTML 8Page - STMicroelectronics STLQ50C33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STLQ50XX
Diagram
3/18
1
Diagram
Figure 1.
Block diagram
V bandgap
1.22V
Vin
Vout
GND
Short circuit &
thermal
protection
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18