Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39150PU-R Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce LD39150PU-R
Description  Ultra low drop BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150PU-R Fiches technique(HTML) 5 Page - STMicroelectronics

  LD39150PU-R Datasheet HTML 1Page - STMicroelectronics LD39150PU-R Datasheet HTML 2Page - STMicroelectronics LD39150PU-R Datasheet HTML 3Page - STMicroelectronics LD39150PU-R Datasheet HTML 4Page - STMicroelectronics LD39150PU-R Datasheet HTML 5Page - STMicroelectronics LD39150PU-R Datasheet HTML 6Page - STMicroelectronics LD39150PU-R Datasheet HTML 7Page - STMicroelectronics LD39150PU-R Datasheet HTML 8Page - STMicroelectronics LD39150PU-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LD39150xx
Typical application circuits
5/19
3
Typical application circuits
(CI and CO capacitors must be placed as close as possible to the IC pins)
Note:
Inhibit pin is not internally pulled down/up then it must not be left floating. Disable the device
when connected to GND or to a positive voltage less than 0.3 V.
Note:
Set R2 as close as possible to 4.7 k
Ω
Figure 3.
LD39150xx fixed version with inhibit
Figure 4.
LD39150xx adjustable version
VO = VREF (1 + R1/R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19