Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39150DT33-R Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce LD39150DT33-R
Description  Ultra low drop BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150DT33-R Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button LD39150DT33-R Datasheet HTML 11Page - STMicroelectronics LD39150DT33-R Datasheet HTML 12Page - STMicroelectronics LD39150DT33-R Datasheet HTML 13Page - STMicroelectronics LD39150DT33-R Datasheet HTML 14Page - STMicroelectronics LD39150DT33-R Datasheet HTML 15Page - STMicroelectronics LD39150DT33-R Datasheet HTML 16Page - STMicroelectronics LD39150DT33-R Datasheet HTML 17Page - STMicroelectronics LD39150DT33-R Datasheet HTML 18Page - STMicroelectronics LD39150DT33-R Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
LD39150xx
Package mechanical data
15/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
0.031
0.035
0.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.300.38
0.009
0.012
0.015
D2.90
3.00
3.10
0.114
0.118
0.122
D2
2.23
2.38
2.48
0.088
0.094
0.098
E2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.65
1.75
0.059
0.065
0.069
e0.950.037
L0.30
0.40
0.50
0.012
0.016
0.020
DFN6 (3x3 mm) mechanical data
7946637A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19