Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGIPN3H60 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STGIPN3H60
Description  SLLIMM??nano (small low-loss intelligent molded module)IPM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STGIPN3H60 Datasheet HTML 13Page - STMicroelectronics STGIPN3H60 Datasheet HTML 14Page - STMicroelectronics STGIPN3H60 Datasheet HTML 15Page - STMicroelectronics STGIPN3H60 Datasheet HTML 16Page - STMicroelectronics STGIPN3H60 Datasheet HTML 17Page - STMicroelectronics STGIPN3H60 Datasheet HTML 18Page - STMicroelectronics STGIPN3H60 Datasheet HTML 19Page - STMicroelectronics STGIPN3H60 Datasheet HTML 20Page - STMicroelectronics STGIPN3H60 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
STGIPN3H60
Package mechanical data
Doc ID 018957 Rev 3
17/21
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.
Table 15.
NDIP-26L mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.40
A1
0.80
1.00
1.20
A2
3.00
3.10
3.20
A3
1.70
1.80
1.90
A4
5.70
5.90
6.10
b
0.53
0.72
b1
0.52
0.60
0.68
b2
0.83
1.02
b3
0.82
0.90
0.98
c
0.46
0.59
c1
0.45
0.50
0.55
D
29.05
29.15
29.25
D1
0.50
D2
0.35
D3
29.55
E
12.35
12.45
12.55
e
1.70
1.80
1.90
e1
2.40
2.50
2.60
eB1
16.10
16.40
16.70
eB2
21.18
21.48
21.78
L
1.24
1.39
1.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21