Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6474PDTR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 12Page - STMicroelectronics L6474PDTR Datasheet HTML 13Page - STMicroelectronics L6474PDTR Datasheet HTML 14Page - STMicroelectronics L6474PDTR Datasheet HTML 15Page - STMicroelectronics L6474PDTR Datasheet HTML 16Page - STMicroelectronics L6474PDTR Datasheet HTML 17Page - STMicroelectronics L6474PDTR Datasheet HTML 18Page - STMicroelectronics L6474PDTR Datasheet HTML 19Page - STMicroelectronics L6474PDTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Pin connection
L6474
16/51
Doc ID 022529 Rev 2
25
STCK
Logic input
Step clock input
EPAD
Exposed pad
Ground
Internally connected to PGND, AGND and DGND pins
Table 6.
Pin description (continued)
N.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51