| Moteur de recherche de fiches techniques de composants électroniques |
|
L6472PD Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6472PD Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 69 page ![]() L6472 Programming manual Doc ID 022729 Rev 1 63/69 9.2.20 GetStatus The GetStatus command returns the STATUS register value. The GetStatus command resets the STATUS register warning flags. The command forces the system to exit from any error state. The GetStatus command does NOT reset the HiZ flag. Table 51. GetStatus command structure Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 1 0 1 0 0 0 0 From host STATUS MSByte To host STATUS LSByte To host |