| Moteur de recherche de fiches techniques de composants électroniques |
|
L6474H Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6474H Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 51 page ![]() L6474 Programming manual Doc ID 022529 Rev 2 35/51 Any attempt to write to the register when the outputs are enabled causes the command to be ignored and the NOTPERF_CMD to rise (see Section 9.1.13). 9.1.7 TOFF_MIN The TOFF_MIN register contains the minimum OFF time value used by the current control system (see Section 7.1 for details).This parameter imposes the OFF time of the current control system only if its value is greater than the TSW one. The available range for both parameters is from 0.5 µs to 64 µs. Any attempt to write to the register when the outputs are enabled causes the command to be ignored and the NOTPERF_CMD to rise (see Section 9.1.13). Table 14. Minimum ON time Time 0 0 0 0 0 0 0 0.5 µs 0 0 0 0 0 0 1 1 µs 1 1 1 1 1 1 0 63.5 µs 1 1 1 1 1 1 1 64 µs Table 15. Minimum OFF time Time 0 0 0 0 0 0 0 0.5 µs 0 0 0 0 0 0 1 1 µs 1 1 1 1 1 1 0 63.5 µs 1 1 1 1 1 1 1 64 µs |