Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6472 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L6472
Description  dSPIN fully integrated microstepping motor driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6472 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L6472 Datasheet HTML 17Page - STMicroelectronics L6472 Datasheet HTML 18Page - STMicroelectronics L6472 Datasheet HTML 19Page - STMicroelectronics L6472 Datasheet HTML 20Page - STMicroelectronics L6472 Datasheet HTML 21Page - STMicroelectronics L6472 Datasheet HTML 22Page - STMicroelectronics L6472 Datasheet HTML 23Page - STMicroelectronics L6472 Datasheet HTML 24Page - STMicroelectronics L6472 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
L6472
Functional description
Doc ID 022729 Rev 1
21/69
Figure 5.
Charge pump circuitry
6.4
Microstepping
The driver is able to divide the single step into up to 16 microsteps. Step mode can be
programmed by the STEP_SEL parameter in the STEP_MODE register (see Table 19).
Step mode can only be changed when bridges are disabled. Every time step mode is
changed, the electrical position (i.e. the point of microstepping sinewave that is generated)
is reset to the first microstep, and the absolute position counter value (see Section 6.5)
becomes meaningless.
Figure 6.
Normal mode and microstepping (16 microsteps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69