| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS86 Fiches technique(PDF) 1 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
74LS86 Fiches technique(HTML) 1 Page - System Logic Semiconductor |
|
1 / 3 page ![]() SL74LS86 System Logic Semiconductor SLS Quad 2-Input Exclusive OR Gate This device contains four independent 2-input Exclusive-OR gates. It performs the Boolean functions Y=A ⊕ B=AB+AB in positive logic. ORDERING INFORMATION SL74LS86N Plastic SL74LS86D SOIC TA = 0 ° to 70° C for all packages LOGIC DIAGRAM PIN 14 =VCC PIN 7 = GND PIN ASSIGNMENT FUNCTION TABLE Inputs Output A B Y L L L L H H H L H H H L |
Numéro de pièce similaire - 74LS86 |
|
Description similaire - 74LS86 |