| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS14 Fiches technique(PDF) 1 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
74LS14 Fiches technique(HTML) 1 Page - System Logic Semiconductor |
|
1 / 4 page ![]() SL74LS14 System Logic Semiconductor SLS Hex Schmitt-Trigger Inverter This device contains six independent gates each of which performs the logic INVERT function. Each input has hysteresis which increases the noise immunity and transforms a slowly changing input signal to a fast changing, jitter free output. ORDERING INFORMATION SL74LS14N Plastic SL74LS14D SOIC TA = 0 ° to 70° C for all packages LOGIC DIAGRAM PIN 14 =VCC PIN 7 = GND PIN ASSIGNMENT FUNCTION TABLE Inputs Output A Y L H H L |
Numéro de pièce similaire - 74LS14 |
|
Description similaire - 74LS14 |