| Moteur de recherche de fiches techniques de composants électroniques |
|
SL74LS05 Fiches technique(PDF) 1 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL74LS05 Fiches technique(HTML) 1 Page - System Logic Semiconductor |
|
1 / 3 page ![]() SL74LS05 System Logic Semiconductor SLS Hex Inverters with Open-Drain Outputs This device contains idenpendent inverts. It performs the Boolean function Y=A. The open collector outputs require pull-up resistor to perform correctly. Open-collector devices are often used to generate higher VOH levels. Pull-Up Resistor Equations RMAX= RMIN= Where: N1(IOH)=total maximumoutput high current for all outputs tied to pull-up resistor N2(IIH)=total input high current for all inputs tied to pull-up resistor N3(IIL)=total input low current for all inputs tied to pull-up resistor ORDERING INFORMATION SL74LS05N Plastic SL74LS05D SOIC TA = -0 ° to 70° C for all packages LOGIC DIAGRAM PIN 14 =VCC PIN 7 = GND PIN ASSIGNMENT FUNCTION TABLE Inputs Output A Y L H H L VCC(Min) - VOH VCC(Max) - VOL N1(IOH) + N2(IIH) (IOL + N3(IIL) |
Numéro de pièce similaire - SL74LS05 |
|
Description similaire - SL74LS05 |