Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT16374CTPVCG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce 74FCT16374CTPVCG4
Description  16-Bit Registers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT16374CTPVCG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button 74FCT16374CTPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 9Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 10Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 11Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 12Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 13Page - Texas Instruments 74FCT16374CTPVCG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
74FCT162374ATPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
74FCT162374ATPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
74FCT162374CTPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
74FCT162374CTPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
CY74FCT162374TPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
CY74FCT16374ATPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
CY74FCT16374ATPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
CY74FCT16374CTPACT
TSSOP
DGG
48
2000
330.0
24.4
8.6
15.8
1.8
12.0
24.0
Q1
CY74FCT16374CTPVCT
SSOP
DL
48
1000
330.0
32.4
11.35
16.2
3.1
16.0
32.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Jul-2009
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21