Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSB44-331 Fiches technique(PDF) 79 Page - NEC

No de pièce SSB44-331
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

SSB44-331 Fiches technique(HTML) 79 Page - NEC

Back Button SSB44-331 Datasheet HTML 75Page - NEC SSB44-331 Datasheet HTML 76Page - NEC SSB44-331 Datasheet HTML 77Page - NEC SSB44-331 Datasheet HTML 78Page - NEC SSB44-331 Datasheet HTML 79Page - NEC SSB44-331 Datasheet HTML 80Page - NEC SSB44-331 Datasheet HTML 81Page - NEC SSB44-331 Datasheet HTML 82Page - NEC SSB44-331 Datasheet HTML 83Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
Power Inductors VOL.10
79
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
Shape and Dimensions
Electrode: PB material
6.5
max.
2.5
3.0
8.0
max.
Electrode: PB material
3.0
10.0
max.
Electrode: PB material
4.0
14.0
max.
Electrode: brass
●SSB 44Series
●SSB 64Series
●SSB 84Series
●SSB 14Series
bSSB 44Series
bSSB 64Series
6.1
2.35
1.4
bSSB 84Series
bSSB 14/15Series
7.6
2.6
2.4
9.6
3.1
3.4
12.7
3.65
5.4
Recommended Land Pattern
[mm]
[mm]
4.0
14.0
max.
Electrode: brass
●SSB 15Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More