| Moteur de recherche de fiches techniques de composants électroniques |
|
AD629 Fiches technique(PDF) 5 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
AD629 Fiches technique(HTML) 5 Page - Aavid, Thermal Division of Boyd Corporation |
|
5 / 16 page ![]() AD8275 Rev. A | Page 5 of 16 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS REF1 1 –IN 2 +IN 3 –VS 4 REF2 8 +VS 7 OUT 6 SENSE 5 AD8275 TOP VIEW (Not to Scale) Figure 4. Pin Configuration Table 4. Pin Function Descriptions Pin No. Mnemonic Description 1 REF1 Reference Pin. Sets the output voltage level (see the Reference section). 2 −IN Negative Input Pin. 3 +IN Positive Input Pin. 4 −VS Negative Supply Pin. 5 SENSE Sense Output Pin. Tie this pin to the OUT pin. 6 OUT Output Pin (Force Output). 7 +VS Positive Supply Pin. 8 REF2 Reference Pin. Sets the output voltage level (see the Reference section). |