Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3703 Fiches technique(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Fiches technique(HTML) 32 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 28Page - Texas Instruments AM3703 Datasheet HTML 29Page - Texas Instruments AM3703 Datasheet HTML 30Page - Texas Instruments AM3703 Datasheet HTML 31Page - Texas Instruments AM3703 Datasheet HTML 32Page - Texas Instruments AM3703 Datasheet HTML 33Page - Texas Instruments AM3703 Datasheet HTML 34Page - Texas Instruments AM3703 Datasheet HTML 35Page - Texas Instruments AM3703 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued)
BALL
BALL
BALL
RESET
BUFFER
PULLUP
BALL TOP
RESET
IO CELL
BOTTOM
PIN NAME [2]
MODE [3]
TYPE [4]
RESET
REL. MODE POWER [8] HYS [9]
STRENGTH /DOWN
[1]
REL.
[12]
[1]
STATE [5]
[7]
(mA) [10]
TYPE [11]
STATE [6]
hw_dbg7
5
O
safe_mode
7
K28
NA
cam_d6
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_105
4
I
safe_mode
7
L28
NA
cam_d7
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_106
4
I
safe_mode
7
K27
NA
cam_d8
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_107
4
I
safe_mode
7
L27
NA
cam_d9
0
I
L
L
7
vdds
Yes
NA
PU/ PD
LVCMOS
gpio_108
4
I
safe_mode
7
B25
NA
cam_d10
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_109
4
IO
hw_dbg8
5
O
safe_mode
7
C26
NA
cam_d11
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_110
4
IO
hw_dbg9
5
O
safe_mode
7
B26
NA
cam_xclkb
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_111
4
IO
safe_mode
7
B23
NA
cam_wen
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_shutter
2
O
gpio_167
4
IO
hw_dbg10
5
O
safe_mode
7
D25
NA
cam_strobe
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_126
4
IO
hw_dbg11
5
O
safe_mode
7
AG19
NA
gpio_112
4
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
safe_mode
7
AH19
NA
gpio_113
4
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
safe_mode
7
AG18
NA
gpio_114
4
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
safe_mode
7
-
AH18
NA
gpio_115
4
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
safe_mode
7
-
P21
NA
mcbsp2_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_116
4
IO
safe_mode
7
N21
NA
mcbsp2_clkx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_117
4
IO
safe_mode
7
R21
NA
mcbsp2_dr
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_118
4
IO
safe_mode
7
M21
NA
mcbsp2_dx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_119
4
IO
safe_mode
7
32
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More