| Moteur de recherche de fiches techniques de composants électroniques |
|
SL74HC595D Fiches technique(PDF) 5 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL74HC595D Fiches technique(HTML) 5 Page - System Logic Semiconductor |
|
5 / 10 page ![]() SL74HC595 System Logic Semiconductor SLS AC ELECTRICAL CHARACTERISTICS(C L=50pF,Input t r=tf=6.0 ns) VCC Guaranteed Limit Symbol Parameter V 25 °C to -55 °C ≤85 °C ≤125 °C Unit fmax Minimum Clock Frequency (50% Duty Cycle) (Figures 1and 7) 2.0 4.5 6.0 6.0 30 35 4.8 24 28 4.0 20 24 MHz tPLH, tPHL Maximum Propagation Delay, Shift Clock to SQH (Figures 1and 7) 2.0 4.5 6.0 140 28 24 175 35 30 210 42 36 ns tPHL Maximum Propagation Delay , Reset to SQH (Figures 2 and 7) 2.0 4.5 6.0 145 29 25 180 36 31 220 44 38 ns tPLH, tPHL Maximum Propagation Delay , Latch Clock to QA- QH (Figures 3 and 7) 2.0 4.5 6.0 140 28 24 175 35 30 210 42 36 ns tPLZ, tPHZ Maximum Propagation Delay , Output Enable to QA-QH (Figures 4 and 8) 2.0 4.5 6.0 150 30 26 190 38 33 225 45 38 ns tPZL, tPZH Maximum Propagation Delay , Output Enable to QA-QH (Figures 4 and 8) 2.0 4.5 6.0 135 27 23 170 34 29 205 41 35 ns tTLH, tTHL Maximum Output Transition Time, QA-QH (Figures 3 and 7) 2.0 4.5 6.0 60 12 10 75 15 13 90 18 15 ns tTLH, tTHL Maximum Output Transition Time, SQH (Figures 1 and 7) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns CIN Maximum Input Capacitance - 10 10 10 pF COUT Maximum Three-State Output Capacitance (Output in High-Impedance State), QA-QH - 15 15 15 pF Power Dissipation Capacitance (Per Package) Typical @25 °C,V CC=5.0 V CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC 2f+I CCVCC 300 pF |