| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0803 Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0803 Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 43 page ![]() Functional Description (Continued) HEX PORT ADDRESS PERIPHERAL 00 MM74C374 8-bit flip-flop 01 A/D 1 02 A/D 2 03 A/D 3 HEX PORT ADDRESS PERIPHERAL 04 A/D 4 05 A/D 5 06 A/D 6 07 A/D 7 This port address also serves as the A/D identifying word in the program. DS005671-29 FIGURE 22. Multiple A/Ds with Z-80 Type Microprocessor www.national.com 38 |