| Moteur de recherche de fiches techniques de composants électroniques |
|
BAV70DV Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAV70DV Fiches technique(HTML) 3 Page - Diodes Incorporated |
|
3 / 4 page ![]() BAV70DV Document number: DS35311 Rev. 4 - 2 3 of 4 www.diodes.com January 2012 © Diodes Incorporated BAV70DV 0.0001 0.001 0.01 0.1 1 10 100 020 40 60 80 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics, Per Element R 1.20 1.30 1.40 1.50 1.60 110 100 V , DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage, Per Element R Package Outline Dimensions Suggested Pad Layout SOT563 Dim Min Max Typ A 0.15 0.30 0.20 B 1.10 1.25 1.20 C 1.55 1.70 1.60 D - - 0.50 G 0.90 1.10 1.00 H 1.50 1.70 1.60 K 0.55 0.60 0.60 L 0.10 0.30 0.20 M 0.10 0.18 0.11 All Dimensions in mm Dimensions Value (in mm) Z 2.2 G 1.2 X 0.375 Y 0.5 C1 1.7 C2 0.5 A M L B C H K G D X Z Y C1 C2 C2 G |