Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSB44-2R2 Fiches technique(PDF) 104 Page - NEC

No de pièce SSB44-2R2
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 Fiches technique(HTML) 104 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 96Page - NEC SSB44-2R2 Datasheet HTML 97Page - NEC SSB44-2R2 Datasheet HTML 98Page - NEC SSB44-2R2 Datasheet HTML 99Page - NEC SSB44-2R2 Datasheet HTML 100Page - NEC SSB44-2R2 Datasheet HTML 101Page - NEC SSB44-2R2 Datasheet HTML 102Page - NEC SSB44-2R2 Datasheet HTML 103Page - NEC SSB44-2R2 Datasheet HTML 104Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 104 / 104 page
background image
Precautions
●
●
●
●
●
●
●
●
The names of the products and the specifications in this
catalog are subject to change without notice for the sake
of improvement. The manufacturer also reserves the right
to discontinue any of these products. At the time of
delivery, please ask for specifications sheets to check the
contents in order to use the products properly and safely.
Descriptions in this catalog regarding product
characteristics and quality are based solely on discrete
components. When using these components, be sure to
check the specifications with the component in question
mounted on the products.
The manufacturer
,
s warranty will not cover any
disadvantage or damage caused by improper use of the
products that deviates from the characteristics,
specifications, or conditions for use described in this
catalog.
The products in this catalog are intended for use in
ordinary electronic products. If any of these products are
to be used in special applications requiring extremely high
reliability, such as in aviation equipment and nuclear
power controllers where product defects might pose a
safety risk, please consult your NEC TOKIN sales
representatives.
Though the manufacturer has taken all possible
precautions to ensure the quality and reliability of its
products, improper use of products may result in bodily
injury, fire, or similar accident. If you have any questions
regarding the use of the products in question, please
consult your NEC TOKIN sales representatives.
Please be advised that the manufacturer accepts no
responsibility for any infraction by users of the
manufacturer
,
s products on third party patents or
industrial copyrights. The manufacturer is responsible only
when such infractions are attributable to the structural
design of the product and its manufacturing process.
Export Control
For customers outside Japan
NEC TOKIN products should not be used or sold for use
in the development, production, stockpiling or utilization of
any conventional weapons or mass-destructive
weapons(nuclear weapons, chemical or biological
weapons, or missiles), or any other weapons.
For customers in Japan
For products which are controlled items subject to
the “Foreign Exchange and Foreign Trade Law” of
Japan, the export license specified by the law is required
for export.
This catalog is current as of May 2012.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More