| Moteur de recherche de fiches techniques de composants électroniques |
|
SSB44-2R2 Fiches technique(PDF) 76 Page - NEC |
|
|
|||||||||||||||||||||||||||||
SSB44-2R2 Fiches technique(HTML) 76 Page - NEC |
|
76 / 104 page ![]() Power Inductors VOL.10 76 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type H ・LI-0505 Series(2000pcs./reel) Dimensions of indented square hole plastic tape Reel dimensions [mm] AB C D E F G H J K t ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 +0.1, –0 ± 0.1 ± 0.05 5.8 5.7 5.0 3.9 1.3 8.0 2.0 4.0 ø1.5 5.4 0.4 [mm] AB C D E r W1 W2 ± 2.0 ± 5.0 ± 0.5 ± 1.0 ± 0.5 ± 0.1 ± 0.2 330 80 13 21 2.0 R1.0 12.5 15.5 W2 C E D r W1 Packing position J T 2.85±0.1 A K C A A H F G 1.75±0.1 B-B' cross section |