| Moteur de recherche de fiches techniques de composants électroniques |
|
IP140A Fiches technique(PDF) 5 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP140A Fiches technique(HTML) 5 Page - Seme LAB |
|
5 / 5 page ![]() IP140A SERIES IP140 SERIES IP7800A SERIES IP7800 SERIES LM140 SERIES Document Number 2833 Issue 2 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk GN D VIN VOUT C1 * 0. 22 μF C2 * * IN PU T OU T PUT GN D VIN VOUT C1 0. 22 μF IN PU T OU T PUT R1 R2 R1 GN D VIN VOUT C1 * 0. 22 μF IN PU T OU T P U T IOUT Fixed Output Regulator * Required if the regulator is located far from the power supply. ** Although no output capacitor is needed for stability, it does help transient response.(If needed, use 0.1 μF ceramic disc) Current Regulator Adjustable Output Regulator APPLICATIONS INFORMATION Part K–Pack R–Pack G/IG–Pack SMD 1 LCC4 Temp. Number (TO–3) (TO–66) (TO–257) SMD 05 Range IP7800A -55 to +150°C IP7800 ” IP140A ” IP140 ” LM140 ” Note: To order, add the package identifier to the part number. eg. IP7805AK IP140SMD-12 Order Information Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders. Rthj-case Thermal Resistance Junction-case MAX 3°C/W 7°C/W 5°C/W 13°C/W 1.3°C/W K–Pack R–Pack G/IG–Pack LCC4 SMD THERMAL DATA |