Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REE-0505S Fiches technique(PDF) 2 Page - Recom International Power

No de pièce REE-0505S
Description  LOW COST 1W CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

REE-0505S Fiches technique(HTML) 2 Page - Recom International Power

  REE-0505S Datasheet HTML 1Page - Recom International Power REE-0505S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
2
REV:0/2012
REE Series
ECONOLINE
DC/DC-Converter
REE-0505S
Typical Characteristics
Package Style and Pinning
3rd angle
projection
Pin Connections
Pin #
Function
1
+Vin
2
-Vin
4
-Vout
6
+Vout
Unit:
mm
Tolerance:
± 0.25 mm
100
90
80
70
60
50
40
30
20
10
0
010 20 30 40 50 60 70 80 90 100
Efficiency/Load
Load %
25
20
15
10
5
0
-5
-10
0 10 20 30 40 50 60 70 80 90 100
Deviation/Load
Load %
6.00
10.20
0.51
RECOM
REE-0505S
1208 Pb
12
4
4.10
12.70
2.54
2.54
2.54
Single SIP 7PIN Package
19.60
6
Footprint
Top View
1.00 +0.15/-0



Html Pages

1 2