Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI-331ZMF Fiches technique(PDF) 58 Page - NEC

No de pièce PI-331ZMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

PI-331ZMF Fiches technique(HTML) 58 Page - NEC

Back Button PI-331ZMF Datasheet HTML 54Page - NEC PI-331ZMF Datasheet HTML 55Page - NEC PI-331ZMF Datasheet HTML 56Page - NEC PI-331ZMF Datasheet HTML 57Page - NEC PI-331ZMF Datasheet HTML 58Page - NEC PI-331ZMF Datasheet HTML 59Page - NEC PI-331ZMF Datasheet HTML 60Page - NEC PI-331ZMF Datasheet HTML 61Page - NEC PI-331ZMF Datasheet HTML 62Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
Power Inductors VOL.10
58
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
SN-S3M Series
(In contormity to EIAJ RC-1009)(1000pcs./reel)
Dimensions of indented square hole plastic tape
[mm]
AB
W
F
E
P1
P2
P0
D0
T1
T2
K
± 0.3
± 0.3
± 0.3
± 0.1
± 0.1
± 0.1
± 0.1
± 0.1 +0.1, –0 max.
max.
max.
7.4
10.5
16
7.5
1.75
12
2.0
4.0
1.5
0.6
6.5
6.4
Reel dimensions
AB
C
D
E
r
W1
W2
±0.5
±1.0
±0.5
±0.5
+2.0–0
[mm]
0
ø330
ø80
ø13
ø21
2.0
1.5
12.4
——
—
T1
K
T2
øD0
A
P1
P2
P0
Sprocket hold
Indented Square hole for fitting chips
Indented Square hole for fitting chips
Forward direction
W2
A
C
E
D
r
W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More