| Moteur de recherche de fiches techniques de composants électroniques |
|
PSLP0J106M Fiches technique(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PSLP0J106M Fiches technique(HTML) 8 Page - NEC |
|
8 / 8 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9653TCAVOL14E1109E0 PS/L Series 17 10 15 C PSLC1A156M 15 9 200 742 9 14 ±20% ±20% 22 A PSLA1A226M 22 6 180 645 6 9 ±20% ±20% 22 B3 PSLB31A226M 22 8 70 1035 8 12 ±20% ±20% 22 B2 PSLB21A226M 22 8 150 753 8 12 ±20% ±20% 22 C PSLC1A226M 22 9 150 856 9 14 ±20% ±20% 33 A PSLA1A336M 33 8 200 612 8 12 ±20% ±20% 33 B3 PSLB31A336M 33 8 70 1035 8 12 ±20% ±20% 33 B2 PSLB21A336M 33 8 150 753 8 12 ±20% ±20% 33 C2 PSLC21A336M 33 9 70 1134 9 14 ±20% ±20% 33 C PSLC1A336M 33 9 100 1049 9 14 ±20% ±20% 47 B3 PSLB31A476M 47 8 70 1035 8 12 ±20% ±20% 47 B2 PSLB21A476M 47 8 70 1102 8 12 ±20% ±20% 47 B2 PSLB21A476M(35) 47 8 35 1558 8 12 ±20% ±20% 47 C2 PSLC21A476M 47 9 70 1134 9 14 ±20% ±20% 47 C PSLC1A476M 47 9 100 1049 9 14 ±20% ±20% 47 C PSLC1A476M(55) 47 9 55 1414 9 14 ±20% ±20% 47 V PSLV1A476M 47 10 60 1443 10 15 ±20% ±20% 47 D PSLD1A476M 47 10 100 1225 10 15 ±20% ±20% 68 C2 PSLC21A686M 68 9 55 1279 9 14 ±20% ±20% 68 C PSLC1A686M 68 9 100 1049 9 14 ±20% ±20% 68 C PSLC1A686M(55) 68 9 55 1414 9 14 ±20% ±20% 68 V PSLV1A686M 68 10 60 1443 10 15 ±20% ±20% 68 D PSLD1A686M 68 10 100 1225 10 15 ±20% ±20% 100 B2 PSLB21A107M(45) 100 10 45 1374 10 15 ±20% ±20% 100 C2 PSLC21A107M 100 9 70 1134 9 14 ±20% ±20% 100 C2 PSLC21A107M(55) 100 9 55 1279 9 14 ±20% ±20% 100 C PSLC1A107M 100 9 100 1049 9 14 ±20% ±20% 100 C PSLC1A107M(55) 100 9 55 1414 9 14 ±20% ±20% 100 V PSLV1A107M 100 10 45 1667 10 15 ±20% ±20% 100 V PSLV1A107M(25) 100 10 25 2236 10 15 ±20% ±20% 100 D PSLD1A107M 100 10 55 1651 10 15 ±20% ±20% 150 C PSLC1A157M 150 9 55 1414 9 14 ±20% ±20% 150 V PSLV1A157M 150 10 45 1667 10 15 ±20% ±20% 150 V PSLV1A157M(40) 150 10 40 1768 10 15 ±20% ±20% 150 D PSLD1A157M 150 10 55 1651 10 15 ±20% ±20% 150 D PSLD1A157M(40) 150 10 40 1936 10 15 ±20% ±20% 220 D PSLD1A227M 220 10 55 1651 10 15 ±20% ±20% 220 D PSLD1A227M(40) 220 10 40 1936 10 15 ±20% ±20% 220 D PSLD1A227M(25) 220 10 25 2449 10 15 ±20% ±20% 16 3.3 A PSLA1C335M 5.2 6 800 306 6 9 ±20% ±20% 4.7 B2 PSLB21C475M 7.5 8 200 652 8 12 ±20% ±20% 6.8 B2 PSLB21C685M 10.8 8 200 652 8 12 ±20% ±20% 10 B2 PSLB21C106M 16 8 100 922 8 12 ±20% ±20% 33 V PSLV1C336M 52.8 10 70 1336 10 15 ±20% ±20% 47 V PSLV1C476M 75.2 10 70 1336 10 15 ±20% ±20% 47 D PSLD1C476M 75.2 10 70 1464 10 15 ±20% ±20% 68 V PSLV1C686M 108.8 10 50 1581 10 15 ±20% ±20% 68 D PSLD1C686M 108.8 10 55 1651 10 15 ±20% ±20% 20 22 V PSLV1D226M 44 10 90 1179 10 15 ±20% ±20% 33 V PSLV1D336M 66 10 70 1336 10 15 ±20% ±20% 47 V PSLV1D476M 94 10 70 1336 10 15 ±20% ±20% 47 D PSLD1D476M 94 10 70 1464 10 15 ±20% ±20% 25 6.8 B2 PSLB21E685M 17 8 100 922 8 12 ±20% ±20% 15 V PSLV1E156M 37.5 10 90 1179 10 15 ±20% ±20% 22 V PSLV1E226M 55 10 90 1179 10 15 ±20% ±20% 33 D PSLD1E336M 82.5 10 60 1581 10 15 ±20% ±20% Capacitance Voltage (V) Case Code Part Number (Bulk) Leakage Current ( F) ( A) DF (%) (m ) ESR Permissible Ripple Current (mA rms.) Rated Capacitance Change +105℃ at Endurance Soldering Heat at Resistance to at Surge Voltage Max Max Max DF (%) Max -55℃ *1 *1: Measure frequency z: 300kHz, none: 100 kHz |