Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR392WBUJZ-R71 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADR392WBUJZ-R71
Description  Micropower, Low Noise Precision Voltage References with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR392WBUJZ-R71 Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADR392WBUJZ-R71 Datasheet HTML 6Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 7Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 8Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 9Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 10Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 11Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 12Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 13Page - Analog Devices ADR392WBUJZ-R71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR391/ADR392/ADR395
Rev. H | Page 10 of 20
TIME (10µs/DIV)
Figure 20. ADR391 Voltage Noise 10 Hz to 10 kHz
TIME (10µs/DIV)
0.5V/DIV
1V/DIV
LINE
INTERRUPTION
VOUT
CBYPASS = 0µF
Figure 21. ADR391 Line Transient Response
TIME (10µs/DIV)
0.5V/DIV
1V/DIV
LINE
INTERRUPTION
VOUT
CBYPASS = 0.1µF
Figure 22. ADR391 Line Transient Response
TIME (200µs/DIV)
LOAD OFF
VOUT
CL = 0nF
VLOAD ON
Figure 23. ADR391 Load Transient Response
TIME (200µs/DIV)
LOAD OFF
VOUT
CL = 1nF
VLOAD ON
Figure 24. ADR391 Load Transient Response
TIME (200
µs/DIV)
LOAD OFF
VOUT
CL = 100nF
VLOAD ON
Figure 25. ADR391 Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20