| Moteur de recherche de fiches techniques de composants électroniques |
|
B-02-R Fiches technique(PDF) 41 Page - NEC |
|
|
|||||||||||||||||||||||||||||
B-02-R Fiches technique(HTML) 41 Page - NEC |
|
41 / 45 page ![]() 41 DC Line Filters VOL.10 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9634DCLVOL10E1106E2 SMD Type Tape and Reel Dimensions [mm] [mm] SBS9080 (1000pcs./reel) Dimensions of indented square-hole plastic tape K T T2 D0 P0 P2 P1 A B Forward direction W2 W1 A0 B0 WF E P1 P2 P0 D0 T1 T2 K ±0.3 ±0.3 ±0.3 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 +0.1, –0 0.6= > 7.2= > 7.0= > 9.5 10.3 16 7.5 1.75 12 2.0 4.0 1.5 0.6 7.2 7.0 AN W1 W2 ±0.5 25= > 330 100 17.5 25 Reel dimensions [mm] [mm] M-521CT/M-522CT/M-523CT/M-524CT (conforms to EIAJ RC-1009) (1500pcs./reel) Dimensions of indented square-hole plastic tape W2 A C E D r W1 T1 K T2 Sprocket hole øD0 Indented square-hole for fitting chips Chip fitted on square-hole A P1 P2 P0 Forward direction AB W F E P1 P2 P0 D0 T1 T2 K ±0.3 ±0.3 ±0.3 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 +0.1, –0 max. max. max. 5.3 9.5 16 7.5 1.75 8.0 2.0 4.0 1.5 0.6 6.5 6.4 AB C D E r W1 W2 ±3.0 ±2.0 ±0.2 ±0.8 ±0.5 — max. +6, – 0 330 79 13 21 2.0 1.0 25 16 Reel dimensions [mm] [mm] SBP-5001T (1000pcs./reel) Dimensions of indented square-hole plastic tape K T T2 D0 P0 P2 P1 Forward direction W2 W1 A B AB W F E P1 P2 P0 D0 T1 T2 K ±0.3 ±0.3 ±0.3 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 +0.1, –0 0.4= > 5.7= > 5.8= > 9.0 9.0 16 7.5 1.75 12 2.0 4.0 1.5 0.4 5.7 5.8 AN W1 W2 +6, –0 25= > 330 79 16 25 Reel dimensions |