| Moteur de recherche de fiches techniques de composants électroniques |
|
PI-3R3LSF Fiches technique(PDF) 91 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PI-3R3LSF Fiches technique(HTML) 91 Page - NEC |
|
91 / 104 page ![]() Power Inductors VOL.10 91 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 DIP Type Shape and Dimensions [mm] ●SBC8Series(SBC8-□□□-○○○) ●SBC6Series(SBC6-□□□-○○○) ●SBC7Series(SBC7-□□□-○○○) ●SBC9Series(SBC9-□□□-○○○) +1.0 –0.5 3.5 15 max. 1.0 max. (Non-soldered part) [Soft leads] *Lead pitch is a reference value at the root end. *Integrated soft/hard lead structure. Inductance 8.5±1.0 ø1.0 (CP wire) 22.5 max. [Hard leads] *Lead pitch is a value at the root end. *With phenolic resin base. Inductance +1.0 –0.5 3.5 12 max. 1.0 max. (Non-soldered part) [Soft leads] *Lead pitch is a reference value at the root end. *Integrated soft/hard lead structure. Inductance 6.5±1.0 ø0.8 (CP wire) 18.5 max. [Hard leads] *Lead pitch is a value at the root end. *With phenolic resin base. Inductance +1.0 –0.5 3.5 19 max. 1.0 max. (Non-soldered part) [Soft leads] *Lead pitch is a reference value at the root end. *Integrated soft/hard lead structure. Inductance +1.0 –0.5 3.5 14 max. 1.0 max. (Non-soldered) part [Soft leads] *Lead pitch is a reference value at the root end. *Integrated soft/hard lead structure. Inductance 8.5±1.0 ø1.0 (CP wire) 17.5 max. [Hard leads] *Lead pitch is a value at the root end. *With phenolic resin base. Inductance 6.5±1.0 ø0.8 (CP wire) 15.5 max. [Hard leads] *Lead pitch is a value at the root end. *With phenolic resin base. Inductance SBC6-1R0-962 SBC6-1R5-942 SBC6-2R7-872 SBC6-3R3-852 SBC6-4R7-802 SBC6-6R8-662 SBC6-100-462 SBC6-150-382 SBC6-220-302 SBC6-330-272 SBC6-470-232 SBC6-680-222 SBC6-101-172 SBC6-151-122 SBC6-221-112 SBC6-331-871 SBC6-471-701 Model ø1.20 ø1.20 ø1.20 ø1.20 ø1.20 ø1.00 ø0.80 ø0.70 ø0.60 ø0.60 ø0.60 ø0.60 ø0.55 ø0.45 ø0.40 ø0.40 ø0.35 Lead diam. SBC8-6R8-862 SBC8-100-692 SBC8-150-532 SBC8-220-492 SBC8-330-452 SBC8-470-372 SBC8-680-322 SBC8-101-242 SBC8-151-202 SBC8-221-182 SBC8-331-142 SBC8-471-112 SBC8-681-102 SBC8-102-761 Model ø1.20 ø1.00 ø0.90 ø0.90 ø0.90 ø0.90 ø0.80 ø0.70 ø0.60 ø0.60 ø0.55 ø0.45 ø0.45 ø0.40 Lead diam. SBC9-1R0-982 SBC9-1R5-942 SBC9-2R2-792 SBC9-3R3-622 SBC9-4R7-562 SBC9-6R8-492 SBC9-100-422 SBC9-150-362 SBC9-220-312 SBC9-330-252 SBC9-470-202 SBC9-680-152 SBC9-101-122 SBC9-151-112 SBC9-221-821 SBC9-331-671 Model ø1.20 ø1.20 ø1.00 ø0.90 ø0.80 ø0.70 ø0.70 ø0.70 ø0.70 ø0.60 ø0.55 ø0.45 ø0.40 ø0.40 ø0.35 ø0.32 Lead diam. SBC7-6R8-612 SBC7-100-532 SBC7-150-482 SBC7-220-432 SBC7-330-342 SBC7-470-282 SBC7-680-222 SBC7-101-192 SBC7-151-172 SBC7-221-132 SBC7-331-941 SBC7-471-851 SBC7-681-701 Model ø0.90 ø0.90 ø0.90 ø0.90 ø0.80 ø0.70 ø0.60 ø0.60 ø0.60 ø0.50 ø0.40 ø0.40 ø0.35 Lead diam. Numbering System SBC 1 - 101 - 571 ① Series Core size Model numbers and Core sizes The model numbers are classified according to core size as shown below. Inductance: Rated current: *The presence of an external tube may not be indicated on the surface of sample products. ② ③ 10×101=100(μH) ④ 57×101=570(mA) SBC1 Series ø4.5 6.5 SBC2 Series ø6.0 6.0 SBC3 Series ø8.0 7.0 SBC4 Series ø8.0 10.0 SBC6 Series ø11.0 13.0 SBC7 Series ø14.0 12.0 SBC8 Series ø14.0 17.0 SBC9 Series ø11.0 10.0 Core size [mm] Model |