Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI-120LSF Fiches technique(PDF) 60 Page - NEC

No de pièce PI-120LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

PI-120LSF Fiches technique(HTML) 60 Page - NEC

Back Button PI-120LSF Datasheet HTML 56Page - NEC PI-120LSF Datasheet HTML 57Page - NEC PI-120LSF Datasheet HTML 58Page - NEC PI-120LSF Datasheet HTML 59Page - NEC PI-120LSF Datasheet HTML 60Page - NEC PI-120LSF Datasheet HTML 61Page - NEC PI-120LSF Datasheet HTML 62Page - NEC PI-120LSF Datasheet HTML 63Page - NEC PI-120LSF Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
Power Inductors VOL.10
60
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
H
・DI-0520 Series(2000pcs./reel)
Dimensions of indented square hole plastic tape
B
J
FG H
K
t
Packing position
Reel dimensions
[mm]
AB
C
D
E
F
G
H
J
K
t
± 0.1
± 0.1
± 0.3
± 0.1
± 0.1
± 0.1
± 0.1
± 0.1 +0.1, –0 ± 0.1 ± 0.05
5.4
5.4
12.0
5.5
1.75
8.0
2.0
4.0
ø1.5
2.2
0.4
[mm]
AB
C
D
E
W1
W2
± 0.5
± 1.0
± 0.5
+2.0, –0
± 2.0
ø330
ø80
ø13.0
ø21.0
2.0
12.5
16.5
E
C
D
W1
W2
10
9
8
7
6
5
4
3
2
1
0
0
12345
6
7
Idc
(A)
H
・DI-0520-6R8
H
・DI-0520-4R7
H
・DI-0520-3R3
H
・DI-0520-2R2
H
・DI-0520-1R2
H
・DI-0520-6R8
H
・DI-0520-4R7
H
・DI-0520-3R3
H
・DI-0520-2R2
H
・DI-0520-1R2
DC-Superposed Characteristics
●H・DI-0520 Series
0
70
80
90
100
30
40
10
20
50
60
110
Idc (A)
0
0.2
0.4
0.8
1.2
1.4
1
0.6
H
・DI-0520-101
H
・DI-0520-680
H
・DI-0520-470
H
・DI-0520-330
H
・DI-0520-220
H
・DI-0520-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More