| Moteur de recherche de fiches techniques de composants électroniques |
|
SCR010B Fiches technique(PDF) 1 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SCR010B Fiches technique(HTML) 1 Page - Solid States Devices, Inc |
|
1 / 2 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: SCR010B DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com Designer’s Data Sheet Part Number/Ordering Information 1/ SFS302 ___ S.22 ___ │ │ │ │ │ └ └ Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level Voltage/Family 7 = 30V 8 = 60V 9 = 100V SFS3027S.22 through SFS3029S.22 0.5 AMP, 30 - 100 Volt SILICON CONTROLLED RECTIFIER FEATURES: Passivated planar construction Low on-state voltage and fast switching Hermetically Sealed surface mount power package MAXIMUM RATINGS Symbol Value Units Peak Repetitive Reverse Voltage and DC Blocking Voltage SFS3027 SFS3028 SFS3029 VDRM VRRM 30 60 100 Volts Non-Repetitive Peak Reverse Blocking Voltage (t < 5.0 ms) SFS3027 SFS3028 SFS3029 VRSM 50 100 200 Volts RMS On-State Current, (All Conduction Angles, TC = 100°C) IT (RMS) 0.5 Amps Peak Non-Repetitive Surge Current (One Cycle, 60 Hz ) ITSM 8 Amps Peak Gate Power PGM 0.1 Watts Average Gate Current IG(ave) 0.025 Amps Peak Gate Current IGM 0.25 Amps Reverse Gate Current IGR 0.003 Amps Reverse Gate Voltage VGM 5.0 Volts Operating Junction Temperature Range TJ -65 to +150 °C Storage Temperature Range Tstg -65 to +200 °C Thermal Resistance, Junction to Case RθJC 15 °C/W NOTES: 1/ For ordering information, price, operating curves, and availability- Contact factory. 2/ Screening based on MIL-PRF-19500. Screening flows available on request. 3/ Unless otherwise specified, all electrical characteristics @25°C. SMD.22 |
Numéro de pièce similaire - SCR010B |
|
Description similaire - SCR010B |