| Moteur de recherche de fiches techniques de composants électroniques |
|
02011K8R2ABWTR Fiches technique(PDF) 10 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
02011K8R2ABWTR Fiches technique(HTML) 10 Page - AVX Corporation |
|
10 / 20 page ![]() 14 1 Capacitance Self Ref Effective Max Ref Effective Max Ref Effective Max Ref Effective Max & Tolerance* Resonance Freq. Capacitance ESR Freq. Capacitance ESR Freq. Capacitance ESR Freq. Capacitance ESR @ 1 MHz Frequency MHz Max/Min ( Ω) MHz Max/Min ( Ω) MHz Max/Min ( Ω) MHz Max/Min ( Ω) (pF) (GHz) (pF) (pF) (pF) (pF) 0.1±0.05 18.0 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.2±0.05 12.7 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.3±0.05 10.4 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.4±0.05 9.0 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.5±0.05 8.1 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.6±0.10 7.4 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.7±0.10 6.8 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.8±0.10 6.4 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 0.9±0.10 6.0 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 1.0±0.10 5.7 245 1.15/0.90 .280 491 1.10/0.90 .220 738 1.10/0.90 .220 987 1.15/0.90 .300 1.1±0.10 5.4 244 1.25/1.00 .270 490 1.25/1.00 .210 736 1.11/1.00 .210 985 1.25/1.00 .290 1.2±0.10 5.2 243 1.35/1.10 .260 487 1.35/1.05 .200 734 1.40/1.05 .210 981 1.35/1.05 .280 1.3±0.10 5.0 242 1.45/1.15 .260 486 1.45/1.15 .200 732 1.45/1.15 .200 974 1.45/1.15 .270 1.4±0.10 4.8 241 1.55/1.25 .250 485 1.55/1.25 .190 731 1.45/1.25 .200 977 1.55/1.25 .260 1.5±0.10 4.7 241 1.65/1.35 .250 484 1.65/1.35 .180 729 1.65/1.35 .190 976 1.70/1.35 .250 1.6±0.10 4.5 240 1.75/1.45 .240 483 1.75/1.45 .180 727 1.75/1.45 .190 973 1.80/1.50 .250 1.7±0.10 4.4 240 1.85/1.55 .230 482 1.85/1.60 .170 725 1.85/1.60 .180 971 1.90/1.60 .250 1.8±0.10 4.2 239 2.10/1.70 .220 479 2.10/1.70 .160 723 2.10/1.70 .170 969 2.15/1.70 .250 1.9±0.10 4.1 239 2.15/1.78 .210 478 2.15/1.80 .160 721 2.15/1.80 .167 967 2.20/1.80 .240 2.0±0.10 4.0 238 2.11/1.80 .205 477 2.11/1.80 .155 720 2.11/1.80 .165 966 2.25/1.90 .230 2.1±0.10 3.9 237 2.25/1.95 .200 475 2.25/1.98 .150 718 2.35/1.98 .162 964 2.35/2.00 .220 2.2±0.10 3.8 236 2.40/2.05 .190 474 2.45/2.05 .145 717 2.42/2.05 .160 962 2.45/2.10 .210 2.4±0.25 3.7 234 2.70/2.15 .175 471 2.75/2.15 .140 713 2.80/2.15 .150 958 2.80/2.15 .200 2.7±0.25 3.5 232 3.00/2.45 .160 468 3.10/2.45 .125 709 3.10/2.45 .145 954 3.15/2.48 .190 3.0±0.25 3.3 230 3.40/2.75 .150 465 3.40/2.75 .120 706 3.40/2.75 .140 951 3.60/2.80 .170 3.3±0.25 3.1 226 3.60/3.05 .130 459 3.70/3.05 .120 699 3.70/3.05 .130 945 3.80/3.10 .165 3.6±0.25 3.0 224 3.90/3.30 .128 456 4.25/3.35 .119 697 3.90/3.35 .125 942 4.10/3.40 .160 3.9±0.25 2.9 223 4.20/3.65 .125 455 4.35/3.70 .115 695 4.90/3.75 .120 940 5.15/3.75 .150 4.3±0.25 2.7 220 4.60/4.00 .122 451 4.80/4.05 .117 692 5.10/4.05 .115 937 5.30/4.05 .150 4.7±0.25 2.6 218 5.00/4.45 .120 448 5.20/4.45 .110 689 5.30/4.50 .115 935 5.50/4.55 .145 5.1±0.25 2.5 216 5.40/4.85 .115 445 5.70/4.89 .105 686 6.00/4.90 .115 931 6.20/5.00 .140 5.6±0.25 2.4 214 5.90/5.35 .110 443 6.10/5.35 .100 684 6.15/5.40 .110 929 6.50/5.50 .135 6.2±0.25 2.3 211 6.50/5.95 .105 439 6.90/5.95 .099 680 7.10/6.00 .110 927 8.00/6.10 .130 6.8±0.25 2.2 208 7.20/6.55 .100 435 7.25/6.55 .099 677 7.50/6.60 .110 925 9.00/6.65 .130 7.5±0.50 2.1 205 8.10/7.00 .095 432 8.10/7.00 .099 675 8.20/7.00 .110 925 9.50/7.05 .125 8.2±0.50 2.0 202 8.80/7.70 .090 429 8.80/7.70 .098 672 9.00/7.70 .110 921 10.00/7.80 .125 9.1±0.50 1.9 200 9.80/8.60 .090 425 10.95/8.65 .098 670 12.00/9.00 .110 919 13.00/9.10 .120 10±5% 1.8 195 10.70/9.50 .085 422 11.60/9.50 .097 667 12.50/9.60 .110 917 16.00/9.90 .120 11±5% 1.7 191 11.60/10.90 .085 420 12.20/10.60 .095 665 13.20/10.50 .110 916 17.00/10.00 .120 12±5% 1.6 189 12.90/11.40 .085 418 13.40/11.50 .095 663 14.60/11.90 .110 914 18.00/12.00 .120 13±5% 1.6 187 13.10/12.90 .080 416 14.00/13.00 .095 661 16.00/13.50 .110 913 21.00/14.00 .120 14±5% 1.5 185 14.90/13.25 .080 414 16.90/14.00 .090 660 19.00/15.00 .110 912 26.00/15.00 .120 15±5% 1.5 182 15.90/14.25 .080 412 17.50/15.30 .090 659 21.00/16.50 .100 911 29.00/17.00 .120 16±5% 1.4 179 17.00/15.15 .070 410 18.00/15.90 .085 657 22.00/17.00 .100 910 30.00/18.00 .120 18±5% 1.3 176 19.50/17.00 .070 408 20.20/17.10 .085 656 23.70/19.00 .100 908 33.00/21.00 .120 22±5% 1.2 170 24.00/20.90 .066 404 25.00/20.90 .080 654 28.00/21.00 .10 906 39.00/21.50 .120 24±5% 1.2 168 26.00/22.80 .066 403 30.00/23.00 .080 653 N/A .10 905 N/A .120 27±5% 1.1 165 29.00/25.60 .065 402 36.00/27.00 .080 652 N/A .10 905 N/A .120 30±5% 1.0 163 32.00/28.50 .064 401 40.00/30.00 .080 651 N/A .10 904 N/A .120 33±5% 1.0 160 37.65/31.35 .064 400 45.00/33.00 .080 650 N/A .10 904 N/A .120 * Other tolerances are available, see page 8 Accu-F® / Accu-P® 0603 Typical Electrical Tables |