Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FR10/5/5 Fiches technique(PDF) 23 Page - NEC

No de pièce FR10/5/5
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

FR10/5/5 Fiches technique(HTML) 23 Page - NEC

Back Button FR10/5/5 Datasheet HTML 19Page - NEC FR10/5/5 Datasheet HTML 20Page - NEC FR10/5/5 Datasheet HTML 21Page - NEC FR10/5/5 Datasheet HTML 22Page - NEC FR10/5/5 Datasheet HTML 23Page - NEC FR10/5/5 Datasheet HTML 24Page - NEC FR10/5/5 Datasheet HTML 25Page - NEC FR10/5/5 Datasheet HTML 26Page - NEC FR10/5/5 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
23
FPQ-Type Bobbins
FPQ-Type Bobbins
Y
øP
t min.
Shape and Dimensions
Bobbins
Type
φP
P1
P2
P3
P4
P5
Number of pins
Aw
Rw
Weight
(mm)
(mm)
(mm)
(mm)
(mm)
(mm2)
(mm)
(g)
PQB2016-P1214
1
0.6
3.81
20.32
20.32
5.08
2.54
14
25.6
44
2.1
PQB2625-P1212-F
2
0.6
3.81
22.86
25.4
7.62
—
12
50.3
56.3
3.5
PQB3230-P1212-F
2
0.8
5.08
27.94
30.48
7.62
—
12
98.1
66.8
6.4
PQB3535-P1212-F
2
0.8
5.08
30.48
35.56
10.16
—
12
159
75.2
8.0
Bobbins
Type
A
φB
C
E
X
Y
Z
t(min)
PQB2016-P1214
1
17.2
10.8
8
9.8
23
23
16.7
0.575
PQB2625-P1212-F
2
21.6
14.2
13.6
5
26.5
29.3
27.3
0.7
PQB3230-P1212-F
2
26.6
16
18.5
5
32
34
33.5
0.95
PQB3535-P1212-F
2
31.1
16.8
22.3
6.5
35
39
37.9
0.875
Type 1
Type 2
© Pin pitch dimensions
P5
P4
P1
P2
P4
P1
P2
Numbering System
PQB 2016 -P12 14 - F
① Core size
② P12: Vertical type
③ Number of pins
④ Material : Phenol resin
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71