Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FR8.6/4.5/3.2 Fiches technique(PDF) 25 Page - NEC

No de pièce FR8.6/4.5/3.2
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

FR8.6/4.5/3.2 Fiches technique(HTML) 25 Page - NEC

Back Button FR8.6/4.5/3.2 Datasheet HTML 21Page - NEC FR8.6/4.5/3.2 Datasheet HTML 22Page - NEC FR8.6/4.5/3.2 Datasheet HTML 23Page - NEC FR8.6/4.5/3.2 Datasheet HTML 24Page - NEC FR8.6/4.5/3.2 Datasheet HTML 25Page - NEC FR8.6/4.5/3.2 Datasheet HTML 26Page - NEC FR8.6/4.5/3.2 Datasheet HTML 27Page - NEC FR8.6/4.5/3.2 Datasheet HTML 28Page - NEC FR8.6/4.5/3.2 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
25
Numbering System
FQK 1623 - BH2
① Core size
② Core material
FQK-Type Cores
FQK-Type Cores
Cores
C
1
Ae
Re
Ve
Acp
Acw
AL(nH)
Weight
(mm-1)
(mm2)
(mm)
(mm3)
(mm2)
(mm2)
BH1,BH2
(g)
FQK1623
1.41
31.3
44.1
1377
24.6
31.9
1700±25%
9.6
FQK2522
0.72
67.9
49.0
3327
58.1
48.0
3200±25%
21.0
FQK2532
0.91
70.3
64.0
4498
58.1
73.8
2500±25%
30.0
Cores
A
B
C
D
E
F
H
I (min)
FQK1623
16.5±0.3
11.8+0
–0.2
8.7±0.2
5.8+0
–0.2
12.5±0.3
8.6+0.25
–0
3.0
9.0±0.5
FQK2522
25.0±0.4
11.3+0
–0.2
12.9±0.3
8.8+0
–0.4
19.0±0.3
8.05+0.3
–0
3.0
13.5±0.5
FQK2532
25.0±0.4
16.0+0
–0.2
12.9±0.3
8.8+0
–0.4
19.0±0.3
11.9+0.3
–0
3.0
13.5±0.5
I
H
D
E
A
Shape and Dimensions
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71