Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL-2060C Fiches technique(PDF) 2 Page - NEC

No de pièce GL-2060C
Description  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

GL-2060C Fiches technique(HTML) 2 Page - NEC

  GL-2060C Datasheet HTML 1Page - NEC GL-2060C Datasheet HTML 2Page - NEC GL-2060C Datasheet HTML 3Page - NEC GL-2060C Datasheet HTML 4Page - NEC GL-2060C Datasheet HTML 5Page - NEC GL-2060C Datasheet HTML 6Page - NEC GL-2060C Datasheet HTML 7Page - NEC GL-2060C Datasheet HTML 8Page - NEC GL-2060C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Classification of NEC TOKIN's EMI suppression parts ・・・・・・・3
Casing Type
New Products
LF-SF Series
Three-Phase Type ・・・・・・・・・・・・・・・・・・・・・・・・・8
GT-SF Series
Single-Phase Type ・・・・・・・・・・・・・・・・・・・・・・・・9
Metal box
LF Series Small Current Type ・・・・・・・・・・・・・・・・・・・・・・・・・・・10
LF Series Small Current Type with Screw Terminal ・・・・・・・・11
LF Series Screw Terminal Type ・・・・・・・・・・・・・・・・・・・・・・・・・13
LF Series Large Current Type ・・・・・・・・・・・・・・・・・・・・・・・・・・・15
LF Series Three-Phase Type・・・・・・・・・・・・・・・・・・・・・・・・・・・・16
LF Series For Inverters ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・18
LF Series Compliance with CE Marking (LF-3000 Series) ・・・21
LH Series Low-Frequency Inverters ・・・・・・・・・・・・・・・・・・・・・・23
LH Series Compliance with CE Marking (LH-4 Series) ・・・・・・25
HFP Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・26
GT Series Screw Terminal ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・28
GT Series Faston Terminal ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・30
GT Series For VCCI ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・32
GF Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・33
Metal cylinder
VU Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・34
VC Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・36
VG-FPZ Series for inverter installed home appliances' surge control・・・37
RG Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・38
Plastic box
MR Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・40
MA Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・42
Inlet Type
GL Series C Type ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・43
GL Series F, FV, FVP Type ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・45
GL Series H Type ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・47
GL Series M Type ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・49
TÜV Rheinland Japan Ltd. Certification Numbers ・・・・・・・・・・50
Contents
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51