| Moteur de recherche de fiches techniques de composants électroniques |
|
ESVC20J107M Fiches technique(PDF) 3 Page - NEC |
|
|
|||||||||||||||||||||||||||||
ESVC20J107M Fiches technique(HTML) 3 Page - NEC |
|
3 / 8 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9653TCAVOL14E1109E0 E/SV Series 32 í MARKINGS The standard marking shows capacitance, DC rated voltage, and polarity. [B3, B2, C2, C, V, D cases Production date code] Capacitance ( F) AA Polarity Marking Code (DC Rated Voltage and Capacitance) J Polarity Marking Code (DC Rated Voltage and Capacitance) J106 Polarity Capacitance (pF) Capacitance ( F) DC Rated Voltage Code 47 6T Polarity Production Date Code DC Rated Voltage DC Rated Voltage Polarity Production Date Code 220 6T [P case] (ex. 1 F / 10 V) [J case] (ex. 4.7 F / 6.3 V) [A2, A cases] (ex. 10 F / 6.3 V) [B3, B2 cases] (ex. 47 F / 6.3 V) [C2, C, V, D cases] (ex. 220 F / 6.3 V) NOTE: Production date code will resume beginning in 2015. Jan. Feb. Mar. Apr. May. Jun. Jul. Aug. Sep. Oct. Nov. Dec. 2011 ab c d e f g h j k l m 2012 np q r s t u v w x y z 2013 AB CD E F G H J K L M 2014 NP Q R S T UV W X Y Z M Y F 2.5 V 4 V 6.3 V 10 V 16 V 20V 25V 0.47 CS 0.68 CW 1 AA CA EA 1.5 JE AE 2.2 AJ CJ DJ 3.3 GN AN CN 4.7 JS AS 6.8 JW 10 GA JA AA 15 GE JE 22 eJ GJ JJ 33 eN GN 47 eS GS [J case Marking Code] F 2.5 V 4 V 6.3 V 10 V 16 V 1.0 1.5 2.2 3.3 A 4.7 J 6.8 G 10 e 15 UR [P case Marking Code] UR [P, A2, A, cases DC Rated Voltage code] Code e Rated 2.5 V 4 V 6.3 V 10 V 16 V 20 V 25 V 35V Voltage C GJ A C D EV UR :Rated Voltage |