| Moteur de recherche de fiches techniques de composants électroniques |
|
FS0H474ZF Fiches technique(PDF) 17 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FS0H474ZF Fiches technique(HTML) 17 Page - NEC |
|
17 / 39 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2010.11.8 9565SCAVOL12E Super Capacitors Vol.12 17 Taping Specification [except FMC0H334ZFTP ( )] P2 P0 D0 W4 t3 t1 t2 c b P −+ −+ P1 F h Δ ( Unit:mm) Item Symbol Value Tolerance Remarks Component Height a 15.0 ± 0.5 Component Width b 14.0 ± 0.5 Component Thickness c 9.0 ± 0.5 Lead-wire Width W4 0.6 ± 0.1 Lead-wire Thickness t3 0.6 ± 0.1 Pitch between Component P 25.4 ± 1.0 Sprocket Hole Pitch P0 12.7 ± 0.3 Sprocket Hole to Lead P1 3.85 ± 0.7 〃 P2 6.35 ± 1.3 Lead Spacing F 5.0 ± 0.5 Component Alignment Δh 2.0 Max. − Including tilting caused by bending lead wire Tape Width W 18.0 + 1.0 − 0.5 Hold-down tape Width W0 12.5 Min. − Sprocket Hole Position W1 9.0 ± 0.5 Hold-down Tape Position W2 3.0 Max. − No protrusion of tape Component's Bottom Line Position H 16.0 ± 0.5 〃 18.0 ± 0.5 Sprocket Hole Diameter D0 φ 4.0 ± 0.2 Total tape Thickness t1 0.67 ± 0.2 〃 t2 1.7 Max. − Defect Component Cut-off Position L 11.0 Max. − |