| Moteur de recherche de fiches techniques de composants électroniques |
|
ESD-R-38 Fiches technique(PDF) 20 Page - NEC |
|
|
|||||||||||||||||||||||||||||
ESD-R-38 Fiches technique(HTML) 20 Page - NEC |
|
20 / 31 page ![]() EMI Core 20 Flat Type ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9634ESDVOL09E1003E1 Solid / Split Cares for Flat Cables [RoHS Compliant] Solid / Split Cores for Flat Cables [RoHS Compliant] ESD-FPL-14.5-3 14.5 11.0 2.75 3.0 0.80 FPC ・FFC Fig.3 Thin type ESD-FPL-14.5-5 14.5 11.0 2.75 5.0 0.80 FPC ・FFC Fig.3 Thin type ESD-FPL-14.5-8 14.5 11.0 2.75 8.0 0.80 FPC ・FFC Fig.3 Thin type ESD-FPL-14.5-10 14.5 11.0 2.75 10.0 0.80 FPC ・FFC Fig.3 Thin type ESD-FPL-16-12 16.0 11.5 4.50 12.0 0.85 8 core Fig.3 ESD-FPL-18-6 18.0 14.0 5.00 6.0 1.00 FPC ・FFC Fig.3 ESD-FPL-18-8 18.0 14.0 5.00 8.0 1.00 10 core Fig.3 ESD-FPL-18-12 18.0 14.0 5.00 12.0 1.00 FPC ・FFC Fig.3 ESD-FPL-18.7-3 18.7 15.0 2.75 3.0 0.70 FPC ・FFC Fig.3 Thin type ESD-FPL-18.7-7 18.7 15.0 2.75 7.0 0.70 FPC ・FFC Fig.3 Thin type ESD-FPL-18.7-10 18.7 15.0 2.75 10.0 0.70 FPC ・FFC Fig.3 Thin type ESD-FPL-18.7-12 18.7 15.0 2.75 12.0 0.70 FPC ・FFC Fig.3 Thin type ESD-FPL-21-8 21.0 17.0 5.00 8.0 0.80 FPC ・FFC Fig.3 ESD-FPL-21.5-8 21.5 16.5 6.50 8.0 1.30 12 core Fig.3 ESD-FPL-23.8-7 23.8 18.8 6.30 7.0 1.10 12 core Fig.3 ESD-FPL-13 23.8 18.8 6.30 15.0 1.10 13 core Fig.3 ESD-FPL-24-8 24.0 19.0 6.50 8.0 1.30 14 core Fig.3 ESD-FPL-24.5-6 24.5 20.0 4.50 6.0 0.90 FPC ・FFC Fig.3 ESD-FPL-24.5-8 24.5 20.0 4.50 8.0 0.90 FPC ・FFC Fig.3 ESD-FPL-25-12 25.0 21.0 5.00 12.0 0.85 16 core Fig.3 ESD-FPL-27-8 27.0 22.0 6.50 8.0 1.30 16 core Fig.3 ESD-FPL-7 28.0 23.5 7.70 7.0 1.50 16 core Fig.2 ESD-FPL-15 28.0 23.5 7.70 14.6 1.50 16 core Fig.2 ESD-FPL-28-10 28.0 24.0 5.00 10.0 0.80 FPC ・FFC Fig.3 ESD-FPL-31-9 31.0 27.0 5.00 9.0 0.55 FPC Fig.3 Minimal gap type ESD-FPL-31-12 31.0 27.0 5.00 12.0 0.55 FPC Fig.3 Minimal gap type ESD-FPL-32-8 32.0 28.0 5.00 8.0 0.80 FPC ・FFC Fig.3 ESD-FPL-32-12 32.0 28.0 5.00 12.0 0.80 FPC ・FFC Fig.3 ESD-FPL-20-12 33.2 27.0 8.00 12.0 1.50 20 core Fig.3 ESD-FPL-20-15 33.2 27.0 8.00 15.0 1.50 20 core Fig.3 ESD-FPL-33.5-8 33.5 27.5 6.50 8.0 1.30 20 core Fig.3 ESD-FPL-33.5-10 33.5 27.5 6.50 10.0 1.30 20 core Fig.3 ESD-FPL-33.5-12 33.5 27.5 6.50 12.0 1.30 20 core Fig.3 ESD-FPL-34-15 34.0 30.0 6.00 15.0 0.80 FPC ・FFC Fig.3 ESD-FPL-35-5 35.0 30.0 8.00 5.0 1.30 22 core Fig.3 ESD-FPL-35-8 35.0 30.0 8.00 8.0 1.30 22 core Fig.3 ESD-FPL-16 37.0 25.4 12.00 12.7 1.90 16 core Fig.1 ESD-FPL-38-12 38.0 34.0 5.00 12.0 0.80 FPC ・FFC Fig.3 ESD-FPL-38.5-8 38.5 35.0 4.00 8.0 0.80 FPC ・FFC Fig.3 ESD-FPL-38.5-12 38.5 35.0 4.00 12.0 0.80 FPC ・FFC Fig.3 ESD-FPL-40-10 40.0 34.8 6.50 10.0 1.30 26 core Fig.3 ESD-FPL-40-12 40.0 34.8 6.50 12.0 1.30 26 core Fig.3 ESD-FPL-40-15 40.0 34.8 6.50 15.0 1.30 26 core Fig.3 ESD-FPL-26 41.2 35.0 7.70 15.0 1.50 26 core Fig.3 ESD-FPL-45.2-8 45.2 40.0 6.50 8.0 1.30 30 core Fig.3 ESD-FPL-45-12 45.2 40.0 6.50 12.0 1.50 30 core Fig.3 ESD-FPL-49.6-12 49.6 44.5 6.50 12.0 1.30 32 core Fig.3 ESD-FPL-57.6-12 57.6 52.0 6.50 12.0 1.30 40 core Fig.3 ESD-FPL-34 60.0 48.5 12.00 12.7 2.20 34 core Fig.1 ESD-FPL-50 80.0 68.6 12.00 12.7 1.90 50 core Fig.1 Model Dimensions (mm) Applicable cable shape Remarks abcde b bESD-FPL Series ※Other sizes available. Please contact NEC TOKIN. |