| Moteur de recherche de fiches techniques de composants électroniques |
|
MPLC0730L2R2 Fiches technique(PDF) 80 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPLC0730L2R2 Fiches technique(HTML) 80 Page - NEC |
|
80 / 104 page ![]() Power Inductors VOL.10 80 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type SSB84 Series (1000pcs./reel) Dimensions of indented square hole plastic tape K A t J FG H E D C B Reel dimensions [mm] AB C D E F G H J K t ± 0.1 ± 0.1 ± 0.3 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 +0.1, –0 ± 0.1 ± 0.05 8.7 10.4 16 7.5 1.75 12 2.0 4.0 ø1.5 6.0 0.4 [mm] AB C D E r W1 W2 ± 2.0 ± 5.0 ± 0.5 ± 1.0 ± 0.5 ± 0.1 ± 0.3 380 80 13 21 2.0 R1.0 16.5 19.5 W2 C E D r W1 Packing position SSB14 , 15 Series(500pcs./reel) Dimensions of indented square hole plastic tape K A t J FG H E D C B Reel dimensions [mm] AB C D E F G H J K t ± 0.1 ± 0.1 ± 0.3 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 +0.1, –0 SSB14:6.5 ± 0.1 ± 0.05 11.7 14 24 11.5 1.75 16 2.0 4.0 ø1.5 SSB15 :8.0 ± 0.1 0.4 [mm] AB C D E r W1 W2 ± 2.0 ± 5.0 ± 0.5 ± 1.0 ± 0.5 ± 0.1 ± 0.3 380 80 13 21 2.0 R1.0 12.5 15.5 W2 C E D r W1 Packing position ① Series Core size (indicated by the first numbers of the coreユs diameter and height.) Model and core size The Models use 5-digit numbers that show the core size and inductance. The first two digits show the core size, indicated by the first numbers of the coreユs diameter and height. 3Inductance: 10×10 =100(μH) ② ③ ▼ ▼ 1 ▼ Numbering System SSB -44 - 101 Model Core size [mm] SSB 15- □□□ ø11.0 5.5 SSB 14- □□□ ø11.0 4.0 SSB 84- □□□ ø8.0 4.0 SSB 64- □□□ ø6.0 4.0 SSB 44- □□□ ø4.5 4.0 |