| Moteur de recherche de fiches techniques de composants électroniques |
|
FEE12.5W Fiches technique(PDF) 22 Page - NEC |
|
|
|||||||||||||||||||||||||||||
FEE12.5W Fiches technique(HTML) 22 Page - NEC |
|
22 / 71 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9603FERVOL05E1001T0 Ferrite Cores VOL.05 22 FPQ-Type Cores FPQ-Type Cores Cores C 1 Ae Re Ve Acp Acw AL(nH) Weight (mm-1) (mm2) (mm) (mm3) (mm2) (mm2) BH1,BH2 (g) FPQ2016 0.58 65 37.3 2420 61 47.4 3800±25% 13.0 FPQ2020 0.70 65 45.3 2920 61 65.8 3150±25% 15.0 FPQ2620 0.36 124 44.5 5510 113 60.4 6000±25% 31.0 FPQ2625 0.44 123 53.7 6620 113 84.5 5000±25% 36.0 FPQ3220 0.31 157 48.9 76980 142 80.8 7310±25% 42.0 FPQ3230 0.44 156 68.4 10700 142 149.6 5150±25% 55.0 FPQ3535 0.46 172 79.6 13700 162 220.6 4900±25% 73.0 FPQ4040 0.49 189 92.9 17600 174 326 4700±25% 95.0 Cores A B C D E F I (min) FPQ2016 20.9+0 –0.8 8.2+0 –0.2 14.4+0 –0.8 9.0+0 –0.4 17.6+0.8 –0 5.0+0.3 –0 12.0 FPQ2020 20.9+0 –0.8 10.2+0 –0.2 14.4+0 –0.8 9.0+0 –0.4 17.6+0.8 –0 7.0+0.3 –0 12.0 FPQ2620 26.95+0 –0.9 10.2+0 –0.2 19.45+0 –0.9 12.2+0 –0.4 22.05+0.9 –0 5.6+0.3 –0 15.5 FPQ2625 26.95+0 –0.9 12.5+0 –0.25 19.45+0 –0.9 12.2+0 –0.4 22.05+0.9 –0 7.9+0.3 –0 15.5 FPQ3220 32.5+0 –1.0 10.4+0 –0.25 22.5+0 –1.0 13.7+0 –0.5 27.0+1.0 –0 5.6+0.3 –0 19.0 FPQ3230 32.5+0 –1.0 15.3+0 –0.25 22.5+0 –1.0 13.7+0 –0.5 27.0+1.0 –0 10.5+0.3 –0 19.0 FPQ3535 35.7+0 –1.2 17.5+0 –0.25 26.5+0 –1.0 14.6+0 –0.5 31.5+1.0 –0 12.35+0.3 –0 23.5 FPQ4040 41.4+0 –1.8 20.0+0 –0.25 28.6+0 –1.2 15.2+0 –0.5 36.4+1.2 –0 14.6+0.3 –0 28.0 A E D Shape and Dimensions Numbering Systems FPQ 2016 - BH2 ① Core size ② Core material [mm] フェライトコア5版_E 10.1.23 13:24 ページ 22 |