| Moteur de recherche de fiches techniques de composants électroniques |
|
B12LP-GC Fiches technique(PDF) 5 Page - Ohmite Mfg. Co. |
|
|
|||||||||||||||||||||||||||||
B12LP-GC Fiches technique(HTML) 5 Page - Ohmite Mfg. Co. |
|
5 / 8 page ![]() Series B Process Sealed Subminiature Antistatic Toggles www.nkk.com A16 A Color Codes: Straight Material: PVC Colors Available: A, B, C Straight with Bracket Material: PVC Colors Available: A, B, C Black White Red Yellow Green Blue A B C E F G P B Right Angle with Bracket Vertical with Bracket V OPTIONAL CAPS AT4003 .394” (10.0mm) Bat Lever Cap G AT4064 .248” (6.3mm) Bat Lever Cap J Gray H (2.54) Typ .100 (0.6) Dia Typ .024 (3.1) Typ .122 (5.08) .200 (3.1) .122 (0.4) Typ .016 (0.6) Dia Typ .024 (2.54) Typ .100 (10.16) .400 (5.08) .200 (5.08) .200 (0.6) Typ .024 H (0.4) .016 (0.6) .024 (2.54) Typ .100 (0.6) Dia Typ .024 (0.5) Typ .020 (0.4) .016 (0.5) Typ .020 (0.6) .024 (2.54) Typ .100 (2.54) Typ .100(0.6) Dia Typ .024 Use of a support bracket is recommended to increase PCB mounting strength and stability. PC TERMINALS 26° (3.0) Dia .118 (10.0) .394 (11.0) .433 26° (3.0) Dia .118 (6.3) .248 (7.0) .276 |