Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCM69P735ZP3R Fiches technique(PDF) 13 Page - Motorola, Inc

No de pièce MCM69P735ZP3R
Description  128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P735ZP3R Fiches technique(HTML) 13 Page - Motorola, Inc

Back Button MCM69P735ZP3R Datasheet HTML 8Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 9Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 10Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 11Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 12Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 13Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 14Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 15Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MCM69P735
13
MOTOROLA FAST SRAM
K
ADSC
ADDRESS
WRITE
A1
A2
ADSC
(INITIATES
BURST WRITE)
CLOCK STOP
(CONTINUE
BURST WRITE)
WAKE UP ADSC
(INITIATES BURST WRITE)
D(A1)
DATA IN
D(A1+1)
D(A2)
DQx
HIGH–Z
ADV
VIH OR VIL FIXED (SEE NOTE)
NOTE: While the clock is stopped, DATA IN must be fixed in a high (VIH) or low (VIL) state to reduce the DC current of the
input buffers. For lowest power operation, all data and address lines should be held in a low (VIL) state and control
lines held in an inactive state.
STOP CLOCK WITH WRITE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16