| Moteur de recherche de fiches techniques de composants électroniques |
|
P6SMB110C Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
P6SMB110C Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
2 / 4 page ![]() r e b m u N t r a P V RWM V BR I @ T IR @VRWM VC @IPP e d o C g n i k r a M . n i M . x a M IT - I N U - I B I N U I B V V V A m µ µµµµ A µ µµµµ A V AI N U I B r o s s e r p p u S e g a t l o V t n e i s n a r T W 0 0 6 8 . 6 B M S 6 P C 8 . 6 B M S 6 P 5 . 5 2 1 . 6 8 4 . 7 0 1 0 0 0 1 0 0 0 2 8 . 0 1 6 5 A Z E A Z D A 8 . 6 B M S 6 P A C 8 . 6 B M S 6 P 8 . 5 5 4 . 6 4 1 . 7 0 1 0 0 0 1 0 0 0 2 5 . 0 1 7 5 B Z E B Z D 5 . 7 B M S 6 P C 5 . 7 B M S 6 P 5 0 . 6 5 7 . 6 5 2 . 8 0 1 0 0 5 0 0 0 1 7 . 1 1 1 5 C Z E C Z D A 5 . 7 B M S 6 P A C 5 . 7 B M S 6 P 4 . 6 3 1 . 7 8 8 . 7 0 1 0 0 5 0 0 0 1 3 . 1 1 3 5 D Z E D Z D 2 . 8 B M S 6 P C 2 . 8 B M S 6 P 3 6 . 6 8 3 . 7 2 0 . 9 0 1 0 0 2 0 0 4 5 . 2 1 8 4 E Z E E Z D A 2 . 8 B M S 6 P A C 2 . 8 B M S 6 P 2 0 . 7 9 7 . 7 1 6 . 8 0 1 0 0 2 0 0 4 1 . 2 1 0 5 F Z E F Z D 1 . 9 B M S 6 P C 1 . 9 B M S 6 P 7 3 . 7 9 1 . 8 0 1 1 0 5 0 0 1 8 . 3 1 4 4 G Z E G Z D A 1 . 9 B M S 6 P A C 1 . 9 B M S 6 P 8 7 . 7 5 6 . 8 5 . 9 1 0 5 0 0 1 4 . 3 1 5 4 H Z E H Z D 0 1 B M S 6 P C 0 1 B M S 6 P 1 . 8 9 1 1 1 0 1 0 2 5 1 0 4 J Z E J Z D A 0 1 B M S 6 P A C 0 1 B M S 6 P 5 5 . 8 5 . 9 5 . 0 1 1 0 1 0 2 5 . 4 1 1 4 K Z E K Z D 1 1 B M S 6 P C 1 1 B M S 6 P 2 9 . 8 9 . 9 1 . 2 1 1 5 0 1 2 . 6 1 7 3 L Z E L Z D A 1 1 B M S 6 P A C 1 1 B M S 6 P 4 . 9 5 . 0 1 6 . 1 1 1 5 0 1 6 . 5 1 8 3 M Z E M Z D 2 1 B M S 6 P C 2 1 B M S 6 P 2 7 . 9 8 . 0 1 2 . 3 1 1 5 5 3 . 7 1 5 3 N Z E N Z D A 2 1 B M S 6 P A C 2 1 B M S 6 P 2 . 0 1 4 . 1 1 6 . 2 1 1 5 5 7 . 6 1 6 3 P Z E P Z D 3 1 B M S 6 P C 3 1 B M S 6 P 5 . 0 1 7 . 1 1 3 . 4 1 1 5 5 9 1 2 3 Q Z E Q Z D A 3 1 B M S 6 P A C 3 1 B M S 6 P 1 . 1 1 4 . 2 1 7 . 3 1 1 5 5 2 . 8 1 3 3 R Z E R Z D 5 1 B M S 6 P C 5 1 B M S 6 P 1 . 2 1 5 . 3 1 5 . 6 1 1 5 5 2 2 7 2 S Z E S Z D A 5 1 B M S 6 P A C 5 1 B M S 6 P 8 . 2 1 3 . 4 1 8 . 5 1 1 5 5 2 . 1 2 8 2 T Z E T Z D 6 1 B M S 6 P C 6 1 B M S 6 P 9 . 2 1 4 . 4 1 6 . 7 1 1 5 5 5 . 3 2 6 2 U Z E U Z D A 6 1 B M S 6 P A C 6 1 B M S 6 P 6 . 3 1 2 . 5 1 8 . 6 1 1 5 5 5 . 2 2 7 2 V Z E V Z D 8 1 B M S 6 P C 8 1 B M S 6 P 5 . 4 1 2 . 6 1 8 . 9 1 1 5 5 5 . 6 2 3 2 W Z E W Z D A 8 1 B M S 6 P A C 8 1 B M S 6 P 3 . 5 1 1 . 7 1 9 . 8 1 1 5 5 2 . 5 2 4 2 X Z E X Z D 0 2 B M S 6 P C 0 2 B M S 6 P 2 . 6 1 8 1 2 2 1 5 5 1 . 9 2 1 2 Y Z E Y Z D A 0 2 B M S 6 P A C 0 2 B M S 6 P 1 . 7 1 9 1 1 2 1 5 5 7 . 7 2 2 2 Z Z E Z Z D 2 2 B M S 6 P C 2 2 B M S 6 P 8 . 7 1 8 . 9 1 2 . 4 2 1 5 5 9 . 1 3 9 1 A X E A X D A 2 2 B M S 6 P A C 2 2 B M S 6 P 8 . 8 1 9 . 0 2 1 . 3 2 1 5 5 6 . 0 3 0 2 B X E B X D 4 2 B M S 6 P C 4 2 B M S 6 P 4 . 9 1 6 . 1 2 4 . 6 2 1 5 5 7 . 4 3 7 1 C X E C X D A 4 2 B M S 6 P A C 4 2 B M S 6 P 5 . 0 2 8 . 2 2 2 . 5 2 1 5 5 2 . 3 3 8 1 D X E D X D 7 2 B M S 6 P C 7 2 B M S 6 P 8 . 1 2 3 . 4 2 7 . 9 2 1 5 5 1 . 9 3 5 1 E X E E X D A 7 2 B M S 6 P A C 7 2 B M S 6 P 1 . 3 2 7 . 5 2 4 . 8 2 1 5 5 5 . 7 3 6 1 F X E F X D 0 3 B M S 6 P C 0 3 B M S 6 P 3 . 4 2 7 2 3 3 1 5 5 5 . 3 4 4 1 G X E G X D A 0 3 B M S 6 P A C 0 3 B M S 6 P 6 . 5 2 5 . 8 2 5 . 1 3 1 5 5 4 . 1 4 4 . 4 1 H X E H X D 3 3 B M S 6 P C 3 3 B M S 6 P 8 . 6 2 7 . 9 2 3 . 6 3 1 5 5 7 . 7 4 6 . 2 1 J X E J X D A 3 3 B M S 6 P A C 3 3 B M S 6 P 2 . 8 2 4 . 1 3 7 . 4 3 1 5 5 7 . 5 4 2 . 3 1 K X E K X D 6 3 B M S 6 P C 6 3 B M S 6 P 1 . 9 2 4 . 2 3 6 . 9 3 1 5 5 2 5 6 . 1 1 L X E L X D A 6 3 B M S 6 P A C 6 3 B M S 6 P 8 . 0 3 2 . 4 3 8 . 7 3 1 5 5 9 . 9 4 2 1 M X E M X D 9 3 B M S 6 P C 9 3 B M S 6 P 6 . 1 3 1 . 5 3 9 . 2 4 1 5 5 4 . 6 5 6 . 0 1 N X E N X D A 9 3 B M S 6 P A C 9 3 B M S 6 P 3 . 3 3 1 . 7 3 1 4 1 5 5 9 . 3 5 2 . 1 1 P X E P X D 3 4 B M S 6 P C 3 4 B M S 6 P 8 . 4 3 7 . 8 3 3 . 7 4 1 5 5 9 . 1 6 6 . 9 Q X E Q X D P6SMB Series Surface Mount Transient Voltage Suppressor http://www.luguang.cn mail:lge@luguang.cn |