| Moteur de recherche de fiches techniques de composants électroniques |
|
07221402 Fiches technique(PDF) 77 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
07221402 Fiches technique(HTML) 77 Page - Tyco Electronics |
|
77 / 85 page ![]() Ordering information Size code Size code Marker size Marker Length (mm) Pack quantity Cable diameter (straight cut) (chevron cut) mm inches 0580 1151 5 4.5 1000 1.5 - 2.0 0.06 - 0.08 0581 1152 7 4.5 1000 2.0 - 3.2 0.08 - 0.13 0615 1153 9 4.5 1000 2.5 - 4.0 0.10 - 0.16 0616 1154 11 4.5 1000 2.9 - 4.7 0.11 - 0.19 0617 1155 13 4.5 1000 3.4 - 5.7 0.13 - 0.22 0618 1156 15 4.5 1000 3.8 - 6.3 0.15 - 0.25 0620 1157 18 4.5 500 4.3 - 6.9 0.17 - 0.27 0622 1158 23 6.0 500 5.5 - 8.9 0.22 - 0.35 0624 1159 35 6.0 250 7.9 - 12.7 0.31 - 0.50 Packaging Code 1 Box 3 Reel Color Code (Available for All Legends) 4 Yellow 9 White Packaging Options available Straight Cut Chevron cut White marker with black legend: Boxes, reels White marker with black legend: Boxes Yellow marker with black legend: Reels Yellow marker with black legend: Reels Color coded Boxes Color coded Boxes, reels Color Code Legend Marker Color Ink Color Legend Marker Color Ink Color 0 Black White 1 Brown White 2 Red Black 3 Orange Black 4 Yellow Black 5 Green Black 6 Blue Black 7 Violet Black 8 Gray Black 9 White Black Order example: 06161400 (Z-Type® markers, size 11, yellow marker with black legend 0, boxed) Legend code Legend Code Legend Code Legend Code 000 J 19 / 38 101 K 20 ~ 39 2 02 L 21 Earth 40 303 M 22 ) 41 4 04 N 23 Blank 42 505 O 24 : 43 606 P 25 , 44 707 Q 26 < 45 808 R 27 > 46 909 S 28 = 47 A10 T 29 . 48 B11 U 30 C12 V 31 D13 W 32 E14 X 33 F15 Y 34 G16 Z 35 H17 + 36 I18 - 37 Applicators Order Code Marker Size Pack Quantity Order Code Marker Size Pack Quantity 12510000 7 1 12520000 9 1 12530000 11 1 12540000 13 1 12550000 15 1 12560000 18 1 Z-Type® push-on wire markers 77 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Pre-Printed Wire and Cable Markers |