| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC5643LF2MLQ8 Fiches technique(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643LF2MLQ8 Fiches technique(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 136 page ![]() Package pinouts and signal descriptions MPC5643L Microcontroller Data Sheet, Rev. 8.1 Freescale Semiconductor 25 Table 3. 144 LQFP pin function summary Pin # Port/function Peripheral Output function Input function 1NMI — 2 A[6] SIUL GPIO[6] GPIO[6] DSPI_1 SCK SCK SIUL — EIRQ[6] 3 D[1] SIUL GPIO[49] GPIO[49] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — FlexRay — CA_RX 4 F[4] SIUL GPIO[84] GPIO[84] NPC MDO[3] — 5 F[5] SIUL GPIO[85] GPIO[85] NPC MDO[2] — 6VDD_HV_IO — 7VSS_HV_IO — 8 F[6] SIUL GPIO[86] GPIO[86] NPC MDO[1] — 9MDO0 — 10 A[7] SIUL GPIO[7] GPIO[7] DSPI_1 SOUT — SIUL — EIRQ[7] 11 C[4] SIUL GPIO[36] GPIO[36] DSPI_0 CS0 CS0 FlexPWM_0 X[1] X[1] SSCM DEBUG[4] — SIUL — EIRQ[22] 12 A[8] SIUL GPIO[8] GPIO[8] DSPI_1 — SIN SIUL — EIRQ[8] 13 C[5] SIUL GPIO[37] GPIO[37] DSPI_0 SCK SCK SSCM DEBUG[5] — FlexPWM_0 — FAULT[3] SIUL — EIRQ[23] |